|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RoboClock CY7B994V CY7B993V High-speed Multi-phase PLL Clock Buffer Features * 500-ps max. Total Timing BudgetTM (TTBTM) window * 12-100-MHz (CY7B993V), or 24-200-MHz (CY7B994V) input/output operation * Matched pair output skew < 200 ps * Zero input-to-output delay * 18 LVTTL outputs driving 50 terminated lines * 16 outputs at 200 MHz: Commercial temperature * 6 outputs at 200 MHz: Industrial temperature * 3.3V LVTTL/LVPECL, fault-tolerant, and hot insertable reference inputs * Phase adjustments in 625-/1300-ps steps up to 10.4 ns * Multiply/divide ratios of 1-6, 8, 10, 12 * Individual output bank disable * Output high-impedance option for testing purposes * Fully integrated phase-locked loop (PLL) with lock indicator * Low cycle-to-cycle jitter (< 100-ps peak-peak) * Single 3.3V 10% supply * 100-pin TQFP package * 100-lead BGA package Functional Description The CY7B993V and CY7B994V High-speed Multi-phase PLL Clock Buffers offer user-selectable control over system clock functions. This multiple-output clock driver provides the system integrator with functions necessary to optimize the timing of high-performance computer and communication systems. These devices feature a guaranteed maximum TTB window specifying all occurrences of output clocks with respect to the input reference clock across variations in output frequency, supply voltage, operating temperature, input edge rate, and process. Eighteen configurable outputs each drive terminated transmission lines with impedances as low as 50 while delivering minimal and specified output skews at LVTTL levels. The outputs are arranged in five banks. Banks 1 to 4 of four outputs allow a divide function of 1 to 12, while simultaneously allowing phase adjustments in 625-1300-ps increments up to 10.4 ns. One of the output banks also includes an independent clock invert function. The feedback bank consists of two outputs, which allows divide-by functionality from 1 to 12 and limited phase adjustments. Any one of these eighteen outputs can be connected to the feedback input as well as driving other inputs. Selectable reference input is a fault tolerance feature which allows smooth change over to secondary clock source, when the primary clock source is not in operation. The reference inputs and feedback inputs are configurable to accommodate both LVTTL or Differential (LVPECL) inputs. The completely integrated PLL reduces jitter and simplifies board layout. Functional Block Diagram FBKA+ FBKA- FBKB+ FBKB- FBSEL REFA+ REFA- REFB+ REFB- REFSEL FBF0 FBDS0 FBDS1 FBDIS 4F0 4F1 4DS0 4DS1 DIS4 3F0 3F1 3DS0 3DS1 DIS3 INV3 2F0 2F1 2DS0 2DS1 DIS2 1F0 1F1 1DS0 1DS1 DIS1 LOCK Phase Freq. Detector Filter VCO Control Logic Divide and Phase Generator FS OUTPUT_MODE Divide and Phase Select Matrix Divide and Phase Select Matrix 3 3 Feedback Bank 3 3 3 QFA0 QFA1 Bank 4 3 3 3 3 4QA0 4QA1 4QB0 4QB1 3QA0 3QA1 3QB0 3QB1 2QA0 2QA1 2QB0 2QB1 1QA0 1QA1 1QB0 1QB1 Bank 3 3 3 3 3 3 3 3 3 3 Divide and Phase Select Matrix Bank 2 Divide and Phase Select Matrix Bank 1 3 3 3 3 Divide and Phase Select Matrix Cypress Semiconductor Corporation Document #: 38-07127 Rev. *E * 3901 North First Street * San Jose, CA 95134 * 408-943-2600 Revised July 25, 2003 RoboClock CY7B994V CY7B993V Pin Configurations 100-pin TQFP FBDS1 FBDS0 FBKB+ FBKA+ FBKB- FBSEL FBKA- VCCQ 75 74 73 72 71 70 69 68 67 66 65 VCCN VCCN VCCN LOCK 1QB1 1QB0 1QA1 1QA0 QFA0 QFA1 GND GND GND GND GND GND 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 GND 3F1 4F1 3F0 4F0 4DS1 3DS1 GND 4QB1 VCCN 4QB0 GND GND 4QA1 VCCN 4QA0 GND 2DS1 1DS1 VCCQ 4DS0 3DS0 2DS0 1DS0 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 VCCQ REFA+ REFA - REFSEL REFB- REFB+ 2F0 FS GND 2QA0 VCCN 2QA1 GND GND 2QB0 VCCN 2QB1 GND FBF0 1F0 GND VCCQ FBDIS DIS4 DIS3 CY7B993/4V GND 64 63 62 61 60 59 58 57 56 55 54 53 52 51 OUTPUT_MODE GND GND GND GND GND GND GND GND VCCN VCCQ VCCQ VCCN VCCQ Document #: 38-07127 Rev. *E VCCQ 3QA0 3QA1 3QB0 3QB1 GND 2F1 1F1 INV3 DIS1 DIS2 Page 2 of 14 RoboClock CY7B994V CY7B993V Pin Configurations (continued) 100-lead BGA 1 1QB1 2 1QB0 3 1QA1 4 1QA0 5 QFA0 6 QFA1 7 FBKB+ 8 VCCQ 9 FBKA- 10 FBKA+ A VCCN VCCN VCCN VCCN VCCN VCCN VCCQ FBKB- FBSEL REFA+ B GND GND GND GND GND GND VCCQ GND GND REFA- C LOCK 4F0 3F1 (3_level) (3_level) 4DS1 (3_level) 3DS1 (3_level) GND FBDS1 FBDS0 2F0 (3_level) (3_level) (3_level) 3F0 4F1 (3_level) (3_level) VCCQ REFSEL REFB- D 4QB1 VCCN GND GND E 4QB0 VCCN FS (3_level) FBF0 (3_level) VCCN REFB+ GND GND GND GND VCCN 2QA0 F 4QA1 2DS1 (3_level) VCCQ GND GND GND GND VCCQ G 4QA0 1F0 (3_level) 2QA1 H 1DS1 1DS0 (3_level) (3_level) VCCQ GND GND VCCQ OUTPUT MODE FBDIS (3_level) INV3 (3_level) DIS3 2QB0 J 4DS0 3DS0 2DS0 (3_level) (3_level) (3_level) 2F1 1F1 (3_level) (3_level) DIS1 VCCN VCCN GND 2QB1 DIS2 VCCN 3QA0 3QA1 GND 3QB0 3QB1 DIS4 K Pin Definitions Pin Name FBSEL FBKA+, FBKA- FBKB+, FBKB- [1] I/O Input Input Pin Type LVTTL LVTTL/ LVDIFF Pin Description Feedback Input Select: When LOW, FBKA inputs are selected. When HIGH, the FBKB inputs are selected. This input has an internal pull-down. Feedback Inputs: One pair of inputs selected by the FBSEL is used to feedback the clock output xQn to the phase detector. The PLL will operate such that the rising edges of the reference and feedback signals are aligned in both phase and frequency. These inputs can operate as differential PECL or single-ended TTL inputs. When operating as a single-ended LVTTL input, the complementary input must be left open. Reference Inputs: These inputs can operate as differential PECL or single-ended TTL reference inputs to the PLL. When operating as a single-ended LVTTL input, the complementary input must be left open. Reference Select Input: The REFSEL input controls how the reference input is configured. When LOW, it will use the REFA pair as the reference input. When HIGH, it will use the REFB pair as the reference input. This input has an internal pull-down. Frequency Select: This input must be set according to the nominal frequency (fNOM) (see Table 1). Feedback Output Phase Function Select: This input determines the phase function of the Feedback bank's QFA[0:1] outputs (see Table 3). REFA+, REFA- REFB+, REFB- REFSEL Input LVTTL/ LVDIFF LVTTL Input FS FBF0 Input Input 3-level Input 3-level Input Note: 1. For all three-state inputs, HIGH indicates a connection to VCC, LOW indicates a connection to GND, and MID indicates an open connection. Internal termination circuitry holds an unconnected input to VCC/2. Document #: 38-07127 Rev. *E Page 3 of 14 RoboClock CY7B994V CY7B993V Pin Definitions (continued)[1] Pin Name FBDS[0:1] FBDIS I/O Input Input Pin Type 3-level Input LVTTL Pin Description Feedback Divider Function Select: These inputs determine the function of the QFA0 and QFA1 outputs (see Table 4). Feedback Disable: This input controls the state of QFA[0:1]. When HIGH, the QFA[0:1] is disabled to the "HOLD-OFF" or "HI-Z" state; the disable state is determined by OUTPUT_MODE. When LOW, the QFA[0:1] is enabled (see Table 5). This input has an internal pull-down. Output Phase Function Select: Each pair controls the phase function of the respective bank of outputs (see Table 3). Output Divider Function Select: Each pair controls the divider function of the respective bank of outputs (see Table 4). Output Disable: Each input controls the state of the respective output bank. When HIGH, the output bank is disabled to the "HOLD-OFF" or "HI-Z" state; the disable state is determined by OUTPUT_MODE. When LOW, the [1:4]Q[A:B][0:1] is enabled (see Table 5). These inputs each have an internal pull-down. Invert Mode: This input only affects Bank 3. When this input is LOW, each matched output pair will become complementary (3QA0+, 3QA1-, 3QB0+, 3QB1-). When this input is HIGH, all four outputs in the same bank will be inverted. When this input is MID all four outputs will be non inverting. PLL Lock Indicator: When HIGH, this output indicates the internal PLL is locked to the reference signal. When LOW, the PLL is attempting to acquire lock. Output Mode: This pin determines the clock outputs' disable state. When this input is HIGH, the clock outputs will disable to high-impedance (HI-Z). When this input is LOW, the clock outputs will disable to "HOLD-OFF" mode. When in MID, the device will enter factory test mode. Clock Feedback Output: This pair of clock outputs is intended to be connected to the FB input. These outputs have numerous divide options and three choices of phase adjustments. The function is determined by the setting of the FBDS[0:1] pins and FBF0. Clock Output: These outputs provide numerous divide and phase select functions determined by the [1:4]DS[0:1] and [1:4]F[0:1] inputs. Output Buffer Power: Power supply for each output pair. Internal Power: Power supply for the internal circuitry. Device Ground. The REF inputs can be changed dynamically. When changing from one reference input to the other of the same frequency, the PLL is optimized to ensure that the clock output period will not be less than the calculated system budget (tMIN = tREF (nominal reference clock period) - tCCJ (cycle-to-cycle jitter) - tPDEV (max. period deviation)) while reacquiring the lock. VCO, Control Logic, Divider, and Phase Generator The VCO accepts analog control inputs from the PLL filter block. The FS control pin setting determines the nominal operational frequency range of the divide by one output (fNOM) of the device. fNOM is directly related to the VCO frequency. There are two versions: a low-speed device (CY7B993V) where fNOM ranges from 12 MHz to 100 MHz, and a high-speed device (CY7B994V) that ranges from 24 MHz to 200 MHz. The FS setting for each device is shown in Table 1. The fNOM frequency is seen on "divide-by-one" outputs. For the CY7B994V, the upper fNOM range extends from 96 MHz to 200 MHz. [1:4]F[0:1] [1:4]DS[0:1] DIS[1:4] Input Input Input 3-level Input 3-level Input LVTTL INV3 Input 3-level Input LOCK Output LVTTL 3-Level Input OUTPUT_MODE Input QFA[0:1] Output LVTTL [1:4]Q[A:B][0:1] VCCN VCCQ GND Output LVTTL PWR PWR PWR Block Diagram Description Phase Frequency Detector and Filter These two blocks accept signals from the REF inputs (REFA+, REFA-, REFB+, or REFB-) and the FB inputs (FBKA+, FBKA-, FBKB+, or FBKB-). Correction information is then generated to control the frequency of the voltage-controlled oscillator (VCO). These two blocks, along with the VCO, form a PLL that tracks the incoming REF signal. The CY7B993V/994V have a flexible REF and FB input scheme. These inputs allow the use of either differential LVPECL or single-ended LVTTL inputs. To configure as single-ended LVTTL inputs, the complementary pin must be left open (internally pulled to 1.5V). The other input pin can then be used as an LVTTL input. The REF inputs are also tolerant to hot insertion. Document #: 38-07127 Rev. *E Page 4 of 14 RoboClock CY7B994V CY7B993V Table 1. Frequency Range Select CY7B993V fNOM (MHz) FS[2] LOW MID HIGH Min. 12 24 48 Max. 26 52 100 CY7B994V fNOM (MHz) Min. 24 48 96 Max. 52 100 200 [1:4]F1 Table 3. Output Skew Select Function Function Selects [1:4]F0 and FBF0 Output Skew Function Feedback Bank Bank1 Bank2 Bank3 Bank4 LOW LOW LOW MID MID MID HIGH HIGH HIGH LOW MID HIGH LOW MID HIGH LOW MID HIGH -4tU -3tU -2tU -1tU 0tU +1tU +2tU +3tU +4tU -4tU -3tu -2tU -1tU 0tU +1tU +2tU +3tU +4tU -8tU -7tU -6tU BK1[3] 0tU BK2[3] +6tU +7tU +8tU -8tU -7tU -6tU BK1[3] 0tU BK2[3] +6tU +7tU +8tU -4tU NA NA NA 0tu NA NA NA +4tU Time Unit Definition Selectable skew is in discrete increments of time unit (tU). The value of a tU is determined by the FS setting and the maximum nominal output frequency. The equation to be used to determine the tU value is as follows: tU = 1/(fNOM*N). N is a multiplication factor which is determined by the FS setting. fNOM is nominal frequency of the device. N is defined in Table 2. Table 2. N Factor Determination CY7B993V FS LOW MID HIGH N 64 32 16 fNOM (MHz) at which tU =1.0 ns 15.625 31.25 62.5 N 32 16 8 CY7B994V fNOM (MHz) at which tU =1.0 ns 31.25 62.5 125 Table 4. Output Divider Function Function Selects [1:4]DS1 and FBDS1 [1:4]DS0 and FBDS0 Bank 1 Output Divider Function Bank 2 Bank 3 Bank 4 Feedback Bank Divide and Phase Select Matrix The Divide and Phase Select Matrix is comprised of five independent banks: four banks of clock outputs and one bank for feedback. Each clock output bank has two pairs of low-skew, high-fanout output buffers ([1:4]Q[A:B][0:1]), two phase function select inputs ([1:4]F[0:1]), two divider function selects ([1:4]DS[0:1]), and one output disable (DIS[1:4]). The feedback bank has one pair of low-skew, high-fanout output buffers (QFA[0:1]). One of these outputs may connect to the selected feedback input (FBK[A:B]). This feedback bank also has one phase function select input (FBF0), two divider function selects FSDS[0:1], and one output disable (FBDIS). The phase capabilities that are chosen by the phase function select pins are shown in Table 3. The divide capabilities for each bank are shown in Table 4. LOW LOW LOW MID MID MID HIGH HIGH HIGH LOW MID HIGH LOW MID HIGH LOW MID HIGH /1 /2 /3 /4 /5 /6 /8 /10 /12 /1 /2 /3 /4 /5 /6 /8 /10 /12 /1 /2 /3 /4 /5 /6 /8 /10 /12 /1 /2 /3 /4 /5 /6 /8 /10 /12 /1 /2 /3 /4 /5 /6 /8 /10 /12 Notes: 2. The level to be set on FS is determined by the "nominal" operating frequency (fNOM) of the VCO and Phase Generator. fNOM always appears on an output when the output is operating in the undivided mode. The REF and FB are at fNOM when the output connected to FB is undivided. 3. BK1, BK2 denotes following the skew setting of Bank1 and Bank2, respectively. Figure 1 illustrates the timing relationship of programmable skew outputs. All times are measured with respect to REF with the output used for feedback programmed with 0tU skew. The PLL naturally aligns the rising edge of the FB input and REF input. If the output used for feedback is programmed to another skew position, then the whole tU matrix will shift with respect to REF. For example, if the output used for feedback is programmed to shift -8tU, then the whole matrix is shifted forward in time by 8tU. Thus an output programmed with 8tU of skew will effectively be skewed 16tU with respect to REF. Document #: 38-07127 Rev. *E Page 5 of 14 RoboClock CY7B994V CY7B993V U t 0 - 6t U t 0 - 5t U t 0 - 4t U t 0 - 3t U t 0 - 2t U t 0 - 8t U t 0 - 7t U U U U U U U t - 1t U t 0 +7t FBInput REFInput 1F[1:0] 2F[1:0] (N/A) (N/A) (N/A) LL LM LH ML MM MH HL HM HH (N/A) (N/A) (N/A) 3F[1:0] 4F[1:0] LL LM LH (N/A) (N/A) (N/A) (N/A) MM (N/A) (N/A) (N/A) (N/A) HL HM HH -8tU -7tU -6tU -4tU -3tU -2tU -1tU 0t U +1t U +2t U +3t U +4t U +6t U +7t U +8t U Figure 1. Typical Outputs with FB Connected to a Zero-Skew Output[4] Output Disable Description The feedback Divide and Phase Select Matrix Bank has two outputs, and each of the four Divide and Phase Select Matrix Banks have four outputs. The outputs of each bank can be independently put into a HOLD-OFF or high-impedance state. The combination of the OUTPUT_MODE and DIS[1:4]/FBDIS inputs determines the clock outputs' state for each bank. When the DIS[1:4]/FBDIS is LOW, the outputs of the corresponding bank will be enabled. When the DIS[1:4]/FBDIS is HIGH, the outputs for that bank will be disabled to a high-impedance (HI-Z) or HOLD-OFF state depending on the OUTPUT_MODE input. Table 5 defines the disabled output functions. The HOLD-OFF state is intended to be a power saving feature. An output bank is disabled to the HOLD-OFF state in a maximum of six output clock cycles from the time when the disable input (DIS[1:4]/FBDIS) is HIGH. When disabled to the Note: 4. FB connected to an output selected for "Zero" skew (i.e., FBF0 = MID or XF[1:0] = MID). HOLD-OFF state, non-inverting outputs are driven to a logic LOW state on its falling edge. Inverting outputs are driven to a logic HIGH state on its rising edge. This ensures the output clocks are stopped without glitch. When a bank of outputs is disabled to HI-Z state, the respective bank of outputs will go HI-Z immediately. Table 5. DIS[1:4]/FBDIS Pin Functionality OUTPUT_MODE HIGH/LOW HIGH LOW MID DIS[1:4]/FBDIS LOW HIGH HIGH X Output Mode ENABLED HI-Z HOLD-OFF FACTORY TEST Document #: 38-07127 Rev. *E Page 6 of 14 t 0 +8t t 0 +1t t 0 +2t t 0 +3t t 0 +4t t 0 +5t t 0 +6t t0 0 U RoboClock CY7B994V CY7B993V INV3 Pin Function Bank3 has signal invert capability. The four outputs of Bank3 will act as two pairs of complementary outputs when the INV3 pin is driven LOW. In complementary output mode, 3QA0 and 3QB0 are non-inverting; 3QA1and 3QB1 are inverting outputs. All four outputs will be inverted when the INV3 pin is driven HIGH. When the INV3 pin is left in MID, the outputs will not invert. Inversion of the outputs are independent of the skew and divide functions. Therefore, clock outputs of Bank3 can be inverted, divided, and skewed at the same time. Lock Detect Output Description The LOCK detect output indicates the lock condition of the integrated PLL. Lock detection is accomplished by comparing the phase difference between the reference and feedback inputs. Phase error is declared when the phase difference between the two inputs is greater than the specified device propagation delay limit (tPD). When in the locked state, after four or more consecutive feedback clock cycles with phase-errors, the LOCK output will be forced LOW to indicate out-of-lock state. When in the out-of-lock state, 32 consecutive phase-errorless feedback clock cycles are required to allow the LOCK output to indicate lock condition (LOCK = HIGH). If the feedback clock is removed after LOCK has gone HIGH, a "Watchdog" circuit is implemented to indicate the out-of-lock condition after a time-out period by deasserting LOCK LOW. This time out period is based upon a divided down reference clock. This assumes that there is activity on the selected REF input. If there is no activity on the selected REF input then the LOCK detect pin may not accurately reflect the state of the internal PLL. Factory Test Mode Description The device will enter factory test mode when the OUTPUT_MODE is driven to MID. In factory test mode, the device will operate with its internal PLL disconnected; input level supplied to the reference input will be used in place of the PLL output. In TEST mode the selected FB input(s) must be tied LOW. All functions of the device are still operational in factory test mode except the internal PLL and output bank disables. The OUTPUT_MODE input is designed to be a static input. Dynamically toggling this input from LOW to HIGH may temporarily cause the device to go into factory test mode (when passing through the MID state). Factory Test Reset When in factory test mode (OUTPUT_MODE = MID), the device can be reset to a deterministic state by driving the DIS4 input HIGH. When the DIS4 input is driven HIGH in factory test mode, all clock outputs will go to HI-Z; after the selected reference clock pin has five positive transitions, all the internal finite state machines (FSM) will be set to a deterministic state. The deterministic state of the state machines will depend on the configurations of the divide selects, skew selects, and frequency select input. All clock outputs will stay in high-impedance mode and all FSMs will stay in the deterministic state until DIS4 is deasserted. When DIS4 is deasserted (with OUTPUT_MODE still at MID), the device will re-enter factory test mode. Safe Operating Zone Figure 2 illustrates the operating condition at which the device does not exceed its allowable maximum junction temperature of 150C. Figure 2 shows the maximum number of outputs that can operate at 185 MHz (with 25-pF load and no air flow) or 200 MHz (with 10-pF load and no air flow) at various ambient temperatures. At the limit line, all other outputs are configured to divide-by-two (i.e., operating at 92.5 MHz) or lower frequencies. The device will operate below maximum allowable junction temperature of 150C when its configuration (with the specified constraints) falls within the shaded region (safe operating zone). Figure 2 shows that at 85C, the maximum number of outputs that can operate at 200 MHz is 6; and at 70C, the maximum number of outputs that can operate at 185 MHz is 16 (with 25-pF load and 0-m/s air flow). Typical Safe Operating Zone (25-pF Load, 0-m /s air flow ) 100 Ambient Temperature (C) 95 90 85 80 75 70 65 60 55 50 2 4 6 8 10 12 14 16 18 Safe Operating Zone Num ber of Outputs at 185 MHz Figure 2. Typical Safe Operating Zone Document #: 38-07127 Rev. *E Page 7 of 14 RoboClock CY7B994V CY7B993V Absolute Maximum Conditions[5] (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................-40C to + 125C Ambient Temperature with Power Applied............................................ -40C to + 125C Supply Voltage to Ground Potential .............. -0.5V to + 4.6V DC Input Voltage....................................-0.3V to VCC + 0.5V Output Current into Outputs (LOW)............................. 40 mA Static Discharge Voltage........................................... > 1100V (per MIL-STD-883, Method 3015) Latch-up Current.................................................. > 200 mA Operating Range Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VCC 3.3V 10% 3.3V 10% Electrical Characteristics Over the Operating Range Parameter Description LVTTL Compatible Output Pins (QFA[0:1], [1:4]Q[A:B][0:1], LOCK) VOH VOL LVTTL HIGH Voltage QFA[0:1], [1:4]Q[A:B][0:1] LOCK LVTTL LOW Voltage QFA[0:1], [1:4]Q[A:B][0:1] LOCK Test Conditions VCC = Min., IOH = -30 mA IOH = -2 mA, VCC = Min. VCC = Min., IOL= 30 mA IOL= 2 mA, VCC = Min. Min. 2.4 2.4 - - Max. - - 0.5 0.5 100 VCC + 0.3 VCC + 0.3 0.8 0.8 100 500 500 - - - Unit V V V V A V V V V A A A A A V V V A A A A A A mV V V High-impedance State Leakage Current -100 IOZ LVTTL Compatible Input Pins (FBKA, FBKB, REFA, REFB, FBSEL, REFSEL, FBDIS, DIS[1:4]) VIH LVTTL Input HIGH FBK[A:B], REF[A:B] REFSEL, FBSEL, FBDIS, DIS[1:4] Min. < VCC < Max. 2.0 2.0 -0.3 -0.3 - - - -500 -500 VIL II IlH IlL LVTTL Input LOW LVTTL VIN >VCC LVTTL Input HIGH Current LVTTL Input LOW Current FBK[A:B], REF[A:B] Min. < VCC < Max. REFSEL, FBSEL, FBDIS, DIS[1:4] FBK[A:B], REF[A:B] VCC = GND, VIN = 3.63V FBK[A:B], REF[A:B] VCC = Max., VIN = VCC REFSEL, FBSEL, FBDIS, DIS[1:4] VIN = VCC FBK[A:B], REF[A:B] VCC = Max., VIN = GND REFSEL, FBSEL, FBDIS, DIS[1:4] Three-level Input Pins (FBF0, FBDS[0:1], [1:4]F[0:1], [1:4]DS[0:1], FS, OUTPUT_MODE(TEST)) VIHH Three-level Input HIGH[6] Min. < VCC < Max. 0.87*VCC VIMM VILL IIHH IIMM IILL Three-level Input MID[6] Three-level Input LOW[6] Three-level Input HIGH Current Three-level Input MID Current Three-level Input LOW Current Min. < VCC < Max. Min. < VCC < Max. 0.47*VCC 0.53*VCC - 0.13*VCC - - -50 -100 -200 -400 400 1.0 GND 200 400 50 100 - - VCC VCC VCC - 0.4 Three-level input pins excl. FBF0 VIN = VCC FBF0 Three-level input pins excl. FBF0 VIN = VCC/2 FBF0 Three-level input pins excl. FBF0 VIN = GND FBF0 LVDIFF Input Pins (FBK[A:B], REF[A:B]) VDIFF Input Differential Voltage VIHHP VILLP VCOM Highest Input HIGH Voltage Lowest Input LOW Voltage Common Mode Range (crossing voltage) 0.8 VCC V Notes: 5. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required. 6. These inputs are normally wired to VCC, GND, or left unconnected (actual threshold voltages vary as a percentage of VCC). Internal termination resistors hold the unconnected inputs at VCC/2. If these inputs are switched, the function and timing of the outputs may glitch and the PLL may require an additional tLOCK time before all data sheet limits are achieved. Document #: 38-07127 Rev. *E Page 8 of 14 RoboClock CY7B994V CY7B993V Electrical Characteristics Over the Operating Range (continued) Parameter Description Operating Current ICCI ICCN Internal Operating Current Output Current Dissipation/Pair[8] CY7B993V CY7B994V CY7B993V CY7B994V Test Conditions VCC = Max., fMAX[7] VCC = Max., CLOAD = 25 pF, RLOAD = 50 at VCC/2, fMAX Min. - - - - Max. 250 250 40 50 Unit mA mA mA mA Capacitance Parameter CIN Description Input Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 3.3V Min. Max. 5 Unit pF Switching Characteristics Over the Operating Range[9, 10, 11, 12, 13] CY7B993/4V-2 Parameter fin fout tSKEWPR tSKEWBNK tSKEW0 tSKEW1 tSKEW2 Clock Input Frequency Clock Output Frequency Matched-Pair Skew[14, 15] Intrabank Skew [14, 15] CY7B993/4V-5 Min. 12 24 12 24 - - - - - Max. 100 200 100 200 200 250 550 650 700 Unit MHz MHz MHz MHz ps ps ps ps ps Description CY7B993V CY7B994V CY7B993V CY7B994V Min. 12 24 12 24 - - - - - Max. 100 200 100 200 200 200 250 250 250 Output-Output Skew (same frequency and phase, rise to rise, fall to fall)[14, 15] Output-Output Skew (same frequency and phase, other banks at different frequency, rise to rise, fall to fall)[14, 15] Output-Output Skew (invert to nominal of different banks, compared banks at same frequency, rising edge to falling edge aligned, other banks at same frequency)[14, 15] Output-Output Skew (all output configurations outside of tSKEW1and tSKEW2.)[14, 15] Complementary Outputs Skew (crossing to crossing, complementary outputs of the same bank)[14, 15, 16, 17] Cycle-to-Cycle Jitter (divide by 1 output frequency, FB = divide by 1, 2, 3) Cycle-to-Cycle Jitter (divide by 1 output frequency, FB = divide by 4, 5, 6, 8, 10, 12) Propagation Delay, REF to FB Rise tSKEW3 tSKEWCPR tCCJ1-3 - - - 500 200 150 - - - 800 300 150 ps ps ps PeakPeak ps PeakPeak ps tCCJ4-12 - 100 - 100 tPD -250 250 -500 500 Notes: 7. ICCI measurement is performed with Bank1 and FB Bank configured to run at maximum frequency (fNOM = 100 MHz for CY7B993V, fNOM = 200 MHz for CY7B994V), and all other clock output banks to run at half the maximum frequency. FS and OUTPUT_MODE are asserted to the HIGH state. 8. This is dependent upon frequency and number of outputs of a bank being loaded. The value indicates maximum ICCN at maximum frequency and maximum load of 25 pF terminated to 50 at VCC/2. 9. This is for non-three level inputs. 10. Assumes 25-pF max. load capacitance up to 185 MHz. At 200 MHz the max. load is 10 pF. 11. Both outputs of pair must be terminated, even if only one is being used. 12. Each package must be properly decoupled. 13. AC parameters are measured at 1.5V unless otherwise indicated. 14. Test Load CL= 25 pF, terminated to VCC/2 with 50 up to185 MHz and 10-pF load to 200 MHz. 15. SKEW is defined as the time between the earliest and the latest output transition among all outputs for which the same phase delay has been selected when all outputs are loaded with 25 pF and properly terminated up to 185 MHz. At 200 MHz the max load is 10 pF. 16. Complementary output skews are measured at complementary signal pair intersections. 17. Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect these parameters. Document #: 38-07127 Rev. *E Page 9 of 14 RoboClock CY7B994V CY7B993V Switching Characteristics Over the Operating Range[9, 10, 11, 12, 13] (continued) CY7B993/4V-2 Parameter TTB tPDDELTA tREFpwh tREFpwl tr/tf tLOCK tRELOCK1 tRELOCK2 tODCV tPWH tPWL tPDEV tOAZ tOAZ Description Total Timing Budget window (same frequency and phase) Propagation Delay difference between two devices REF input (Pulse Width HIGH) Output Rise/Fall Time [20] [19] [17] [17, 18] CY7B993/4V-5 Min. - - 2.0 2.0 0.15 - - - -1.0 - - - 1.0 0.5 Max. 700 200 - - 2.0 10 500 1000 1.0 1.5 2.0 0.025 10 14 Unit ps ps ns ns ns ms s s ns ns ns UI ns ns Min. - - 2.0 2.0 0.15 - - - -1.0 - - - 1.0 0.5 [14, 24] Max. 500 200 - - 2.0 10 500 1000 1.0 1.5 2.0 0.025 10 14 REF input (Pulse Width LOW)[19] PLL Lock Time From Power-up PLL Relock Time (from same frequency, different phase) with Stable Power Supply PLL Relock Time (from different frequency, different phase) with Stable Power Supply[21] Output duty cycle deviation from 50%[13] Output HIGH time deviation from 50% Output LOW time deviation from 50% [22] [22] Period deviation when changing from reference to reference[23] DIS[1:4]/FBDIS HIGH to output high-impedance from ACTIVE DIS[1:4]/FBDIS LOW to output ACTIVE from output high-impedance[24, 25] AC Test Loads and Waveform[26] 3.3V R1 For LOCK output only R1 = 910 R2 = 910 CL < 30 pF OUTPUT For all other outputs R1 = 100 CL R2 = 100 CL < 25 pF to 185 MHz or 10 pF at 200 MHz (Includes fixture and probe capacitance) R2 (a) LVTTL AC Test Load 3.3V 2.0V GND < 1 ns 0.8V 2.0V 0.8V < 1 ns (b) TTL Input Test Waveform Notes: 18. TTB is the window between the earliest and the latest output clocks with respect to the input reference clock across variations in output frequency, supply voltage, operating temperature, input clock edge rate, and process. The measurements are taken with the AC test load specified and include output-output skew, cycle-cycle jitter, and dynamic phase error. TTB will be equal to or smaller than the maximum specified value at a given frequency. 19. Tested initially and after any design or process changes that may affect these parameters. 20. Rise and fall times are measured between 2.0V and 0.8V. 21. fNOM must be within the frequency range defined by the same FS state. 22. tPWH is measured at 2.0V. tPWL is measured at 0.8V. 23. UI = Unit Interval. Examples: 1 UI is a full period. 0.1UI is 10% of period. 24. Measured at 0.5V deviation from starting voltage. 25. For tOZA minimum, CL = 0 pF. For tOZA maximum, CL= 25 pF to 185 MHz or 10 pF to 200 MHz. 26. These figures are for illustrations only. The actual ATE loads may vary. Document #: 38-07127 Rev. *E Page 10 of 14 RoboClock CY7B994V CY7B993V AC Timing Diagrams[13] tREFpwl tREFpwh REF t SKEWPR tPD t PWH 2.0V FB 0.8V tCCJ1-3,4-12 Q t SKEWBNK [1:4]QB[0:1] tODCV tPD FB DEVICE1 tPDELTA Q t SKEW0,1 Other Q FB DEVICE2 t SKEW0,1 tODCV t SKEWBNK [1:4]QA[0:1] t PWL QFA1 or [1:4]Q[A:B]1 t SKEWPR QFA0 or [1:4]Q[A:B]0 REF TO DEVICE 1 and 2 tPDELTA tSKEWCPR Q tSKEW2 INVERTED Q tSKEW2 COMPLEMENTARY B crossing COMPLEMENTARY A crossing Ordering Information Propagation Delay (ps) 250 250 250 250 250 250 500 500 500 500 500 500 Max. Speed (MHz) 100 100 200 200 200 200 100 100 200 200 200 200 Ordering Code CY7B993V-2AC CY7B993V-2AI CY7B994V-2AC CY7B994V-2BBC CY7B994V-2AI CY7B994V-2BBI CY7B993V-5AC CY7B993V-5AI CY7B994V-5AC CY7B994V-5BBC CY7B994V-5BBI CY7B994V-5AI Package Name A100 A100 A100 BB100 A100 BB100 A100 A100 A100 BB100 BB100 A100 Package Type 100-lead Thin Quad Flat Pack 100-lead Thin Quad Flat Pack 100-lead Thin Quad Flat Pack 100-ball Thin Ball Grid Array 100-lead Thin Quad Flat Pack 100-ball Thin Ball Grid Array 100-lead Thin Quad Flat Pack 100-lead Thin Quad Flat Pack 100-lead Thin Quad Flat Pack 100-ball Thin Ball Grid Array 100-ball Thin Ball Grid Array 100-lead Thin Quad Flat Pack Operating Range Commercial Industrial Commercial Commercial Industrial Industrial Commercial Industrial Commercial Commercial Industrial Industrial Document #: 38-07127 Rev. *E Page 11 of 14 RoboClock CY7B994V CY7B993V Package Diagrams 100-pin Thin Plastic Quad Flat Pack (TQFP) A100 51-85048-*B Document #: 38-07127 Rev. *E Page 12 of 14 RoboClock CY7B994V CY7B993V Package Diagrams (continued) 100-ball Thin Ball Grid Array (11 x 11 x 1.4 mm) BB100 51-85107-*B RoboClock is a registered trademark, and TTB and Total Timing Budget are trademarks, of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders. Document #: 38-07127 Rev. *E Page 13 of 14 (c) Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. RoboClock CY7B994V CY7B993V Document History Page Document Title: RoboClock CY7B994V/CY7B993V High-speed Multi-phase PLL Clock Buffer Document Number: 38-07127 REV. ** *A *B *C *D ECN NO. 109957 114376 116570 122794 123694 Issue Date 12/16/01 05/06/02 09/04/02 12/14/02 03/04/03 Orig. of Change SZV CTK HWT RBI RGL Description of Change Changed from Spec number: 38-00747 to 38-07127 Added three industrial packages Added TTB Features Power-up requirements to operating conditions information Added min. Fout value of 12 MHz for CY7B993V and 24 MHz for CY7B994V to switching characteristics table Corrected prop delay limit parameter from (tPDSL,M,H) to tPD in the Lock Detect Output Description paragraph Added clock input frequency (fin) specifications in the switching characteristics table *E 128462 07/29/03 RGL Document #: 38-07127 Rev. *E Page 14 of 14 |
Price & Availability of CY7B994V-2AC |